PART |
Description |
Maker |
NCV8703MX30TCG NCV8703MX18TCG NCV8703MX28TCG NCV87 |
300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
|
ON Semiconductor
|
MAX6332UR20D3-T MAX6333UR20D3-T MAX6334UR20D3-T MA |
Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 3-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits 3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits 3-Pin Ultra-Low-Voltage Low-Power P Reset Circuits From old datasheet system 3-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits 3-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits TV 79C 79#22D SKT RECP 3引脚,超低电压,低功耗レP复位电路 Ultra-low-voltage, low power microprocessor reset circuit. Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
SX1213 |
Ultra-Low Power Integrated UHF Receiver
|
Semtech Corporation
|
MAX30003CWV |
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R to R Detection) AFE
|
MAXIM - Dallas Semiconductor
|
SI1013-A-GM SI1010-A-GM SI1015-A-GM SI1011-A-GM SI |
Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
|
Silicon Laboratories http://
|
SI91871DMP-12-T1 SI91871 SI91871DMP-18-T1 SI91871D |
300-mA Ultra Low-Noise LDO Regulator With Discharge Option
|
http:// Vishay Siliconix
|
EL2126CS-T EL2126CW-T EL2126CW-T7A EL2126CW-T7 EL2 |
Ultra-Low Noise/ Low Power/ Wideband Amplifier Op Amp, 100MHz Wideband, Ultra Low Noise 1.3nV/√Hz, Low Power, 2.5-15VDC Ultra-Low Noise Low Power Wideband Amplifier
|
INTERSIL[Intersil Corporation]
|
ISL55290 ISL55290EVAL1Z ISL55290IUZ ISL55290IUZ-T1 |
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
|
Intersil Corporation
|
746LT3 738BT3 738LT4 746LT1 746LT2 746BT4 730BT1 7 |
Low-Jitter, 8kHz Reference Clock Synthesizer Outputs 35.328MHz LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver 4-Port LVDS and LVTTL-to-LVDS Repeaters High-Precision Clock Generators with Integrated VCXO Dual/Quad/Single, High-Speed, Ultra-Low-Power, Single-Supply TTL Comparators 模拟IC Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators 模拟IC Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators 模拟IC
|
Aavid Thermalloy, LLC Renesas Electronics, Corp. Vishay Intertechnology, Inc.
|
IC62VV1008LL IC62VV1008L IC62VV1008L-100B IC62VV10 |
70ns; 1.8V; 1M x 8 ultra low power CMOS static RAM 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 100ns; 1.8V; 1M x 8 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
SKIIP313GD122-3DUL |
6-pack-integrated intelligent Power System AC MOTOR CONTROLLER, 300 A, XMA
|
Semikron International
|